Part Number Hot Search : 
S29CD016 SBL1640 FN2857 FW02G EC4A26 AV13001 1084443 ASX415
Product Description
Full Text Search
 

To Download 51052-0500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/16/2010 please check www.molex.com for latest part information part number: 0510520500 status: active description: 2.50mm (.098") pitch cable holder, vertical, for ribbon cable, 5 circuits documents: 3d model product specification ps-51052-002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-51052-001 (pdf) general product family ribbon cable / wire trap connectors series 51052 component type one piece glow-wire compliant no product name board-in, cable holder physical circuits (loaded) 5 color - resin natural entry angle vertical lock to mating part none material - resin nylon number of rows 1 pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm polarized to mating part n/a polarized to pcb no stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c wire insulation diameter 1.70mm (.067") max. wire size awg 24, 26 wire/cable type ribbon cable electrical current - maximum per contact n/a voltage - maximum n/a material info reference - drawing numbers product specification ps-51052-001, ps-51052-002, rps-51052-003 sales drawing sd-51052-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 51052 series mates with n/a use with topcoated ribbon cable this document was generated on 04/16/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 51052-0500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X